Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download 5KP22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0
DC COMPONENTS CO., LTD.
R
THRU 5KP180CA
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 5.0 to 180 Volts PEAK PULSE POWER - 5000 Watts
FEATURES
* Glass passivated junction * 5000 Watts Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time
R-6
MECHANICAL DATA
Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes positive end (cathode) except bidirectional types * Mounting position: Any * Weight: 2.1 gram * * * *
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 5KP5.0C, 5KP180CA). Electrical characteristics apply in both directions
SYMBOL Peak Pulse Power Dissipation on 10/1000 s waveform (Note1,FIG.1) Steady State Power Dissipation at TL = 75 C Lead Lengths .375"(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load( JEDEC Method ) (Note 3) Maximum Instantaneous Forward Voltage at 100A for Unidirectional Only Operating and Storage Temperature Range
o o
VALUE Minimum 5000
UNITS Watts
PPPM
PM(AV) IFSM
8.0 400
Watts Amps
VF TJ, TSTG
3.5 -55 to + 175
Volts
0
C
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on Copper Leaf area of 0.8 X 0.8*( 20 X 20mm ) per Fig. 5 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
180
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( 5KP5.0 THRU 5KP180CA )
DC COMPONENTS CO., LTD.
R
181
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
5KP (5000W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
DC COMPONENTS CO., LTD.
R
182
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
5KP (5000W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KKP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5 K P 11 0 5 K P 11 0 A 5KP120 5KP120A 5KP150 5KP150A 5KP160 5KP160A 5KP170 5KP170A 5KP180 5KP180A
40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 166 166 178 178 189 189 200 200
48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 66.3 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 11 5 104 122 111 136 123 149 135 163 148 204 186 217 196 230 208 245 222
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 11 0 11 0 120 120 150 150 160 160 170 170 180 180
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
78 86 70 78 65 62 62 69 58 65 55 61 52 49 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28 23 26 19 21 17 19 17 18 16 17
64.3 58.1 71.4 64.5 76.7 80.3 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 11 4 103 125 11 3 134 121 139 126 151 137 160 146 179 162 196 177 215 194 269 242 285 285 302 273 322 292
N O T E S : 1.VBR measured after IT applied for 300s. IT = Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. 5KP5.0C, 5KP180CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
DC COMPONENTS CO., LTD.
R
183
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of 5KP22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X